PART |
Description |
Maker |
LPT335 LPT325 |
(LPT225 - LPT335) Lighting Pole Terminals
|
Elmex
|
4831.1200 4831.1210 |
4831, PCB terminals, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
|
Schurter Inc.
|
4850.2800 |
4850, 8-pole, Socket, PCB terminals, DIN Plug/Socket
|
Schurter Inc.
|
4850.2300-17 |
4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
|
Schurter Inc.
|
FTR-K2WAK012W |
POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
|
Fujitsu Component Limited.
|
OM5219XX OM5218RC OM5218XX OM5235DC OM5235RC OM523 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 100V0A条高可靠性超快速共阴极二极管采用TO - 258AA封装 HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER 100V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 300V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 400V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 600V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 150V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 200V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
4304.4067 4304.4061 4304.4069 4304.4066 4304.4063 |
IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
|
Schurter Inc.
|
KG165101151 KG10.6101.151 KG10.6101.107 KG10.6101. |
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
|
Schurter Inc.
|
KD134101151 KD14.1101.105 KD14.1101.107 KD14.1101. |
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
|
Schurter Inc.
|
GRM1.1161.023 GRM1 GRM1.1181.023 GRM1.1160.013 GRM |
IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 2-pole and Voltage Selector
|
Schurter Inc.
|
MX2P46D4T-02 MX3P46D4S-02 |
2-Pole or 3-Pole 4A 460 Vac DIN-Rail SSR
|
Teledyne Technologies Incorporated.
|
PT100F PT05F PT-F PT80F PT20F PT60F PT40F |
MINIBRIDGE 8 AMPERES-TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING 8 Amperes Tab Terminals
|
Electronic devices inc. Electronic Devices, Inc.
|